Part Number Hot Search : 
ZHCS400 C3328 H81M0CAB T6250925 A225D CV115CPV KA2297 PA2046NL
Product Description
Full Text Search
 

To Download TCFGP1D105M8R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.03 - rev.g chip tantalum capacitors (fail-safe open structure type) tcfg series p case ? features ? dimensions (unit : mm) 1) safety design by open function built - in. 2) wide capacitance range 3) screening by thermal shock. ? part no. explanation t c p1a m 8 r rated voltage capacitance tolerance nominal capacitance in pf in 3 digits : 2significa nt figure representing the number of 0's. 8 : reel width (8mm) r : positive electrode on the side opposite to sprocket hole f g 1 0 5 1 6 1 2 4 5 3 1 1 series name tcfg 2 case code p 3 4 capacitance 5 taping 6 20% m : + ? 4 code 6.3 0j 10 1a 16 1c 20 1d 25 1e rated voltage ( v) 0g s s + ? w h lw anode mark 2 1 dimensions (unit : mm) size l h s w 2 w 1 l h s w 2 w 1 2.0 0.2 + ? 1.25 0.2 + ? 0.9 0.2 + ? 0.45 0.3 + ? max.1.2
2/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.03 - rev.g data sheet tcfg series p case ? capacitance range ( f) 4 1.0 (105) 1.5 (155) 2.2 (225) 3.3 (335) 4.7 (475) 6.8 (685) 10 (106) 15 (156) 22 (226) 33 (336) 47 (476) 68 (686) 6.3 10 16 20 25 p p p p p p p p p p p p p p pppp p p p p p p p remark) case size codes (p) in the above show each size products line-up. p p rated voltage (v.dc) ? marking voltage code rated dc voltage (v) g j a c d e 4 6.3 10 16 20 25 capacitance code nominal capacitance ( ? f) a e j n s w a e j 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 j (1) ? j (2) ? the indications listed below should be given on the surface of a capacitor. polarity : the polarity should be shown by bar. (on the anode side) rated dc voltage : due to the small size of p case, a voltage code is used as shown belo w. nominal capacitance visual typical example (1) voltage code (2) capacitance code note 2) voltage code and capacitance code are variable with parts number [p case] note 1) j j manufacture code
3/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.03 - rev.g data sheet tcfg series p case ? characteristics item performance test conditions (based on jis c5101-1 and jis c5101-3) operating temperature maximum operating temperature with no voltage derating rated voltage (v.dc) 16 10 6.3 4 category voltage (v.dc) 10 6.3 4 2.5 surge voltage 20 20 13 26 25 16 32 13 8 5 dc leakage current 0.5 a or 0.01cv whichever is greater (shown in "standard list") as per 4.9 jis c 5101-1 as per 4.5.1 jis c 5101-3 as per 4.7 jis c 5101-1 as per 4.5.2 jis c 5101-3 as per 4.8 jis c 5101-1 as per 4.5.3 jis c 5101-3 as per 4.10 jis c 5101-1 as per 4.5.4 jis c 5101-3 as per 4.14 jis c 5101-1 as per 4.6 jis c 5101-3 as per 4.16 jis c 5101-1 as per 4.10 jis c 5101-3 as per 4.22 jis c 5101-1 as per 4.12 jis c 5101-3 voltage : rated voltage for 1 min capacitance tolerance shall be satisfied allowance range. 20% measuring frequency measuring voltage measuring circuit tangent of loss angle (df, tan ) impedance shall be satisfied the voltage on "standard list" dip in the solder bath solder temp duration repetition after the specimens, leave it at room temperatur e for over 24h and then measure the sample. resistance to soldering heat there should be no significant abnormality. the indications should be clear. appearance less than initial limit l.c shall be satisfied the voltage on "standard list" at 125 c at 85 c at 85 c + 85 c : 120 12hz : 0.5vrms, +1.5v.dc : dc equivalent series circu it measuring frequency measuring voltage measuring circuit : 120 12hz : 0.5vrms, +1.5v.dc : dc equivalent series circu it : 100 10khz : 0.5vrms or less : dc equivalent series circu it measuring frequency measuring voltage measuring circuit : 260 10 c : 5 0.5s : 1 ? 55 c to + 125 c voltage reduction when temperature exceeds +85 c fail-safe open unit actuation within 320 c ? 20s repetition : 5 cycles (1 cycle : steps 1 to 4) without discontinuation. temperature cycle there should be no significant abnormality. the indications should be clear. appearance less than initial limit l.c 1 to 10 ? f : within 10 % of initial value 15 to 22 ? f : within 20 % of initial value within 10 % of initial value c / c tan c / c tan less than 150% of initial limit less than 150% of initial limit less than 150% of initial limit moisture resistance appearance less than initial limit l.c there should be no significant abnormality. the indications should be clear. temp. time 1 step 2 3 4 room temp. room temp. 3min. or less 3min. or less 30 3min + ? 30 3min + ? ? 55 3 c + ? 125 2 c + ? c / c within 20 % of initial value tan after leaving the sample under such atmospheric condition that the temperature and humidity ar e 60 2 c and 90 to 95%rh, respectively, for 500 12h level it at room temperature for over 24 h and then measure the sample. dip in the solder bath solder temp : 320 5 c after the specimens, leave it at room temperatur e for over 24h and then measure the sample.
4/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.03 - rev.g data sheet tcfg series p case temperature stability ? shall be satisfied the voltage on "standard list" less than 1000% of initial limit less than 1250% of initial limit + 125 c apply the specified surge voltage via the serial resistance of 1k every 5 0.5min.for 30 5 s. eac h time in the atmospheric condition of 85 2 c. repeat this procedure 1,000 times. after the specimens, leave it at room temperatur e for over 24h and then measure the sample. surge voltage there should be no significant abnormality. shall be satisfied the voltage on "standard list" within 0/ ? 15%of initial value ? 55 c + 85 c shall be satisfied the voltage on "standard list" within + 15/0%of initial value within + 20/0%of initial value within 10%of initial value shall be satisfied the voltage on "standard list" loading at high temperature there should be no significant abnormality. after applying the rated voltage for 1000+36/0 h without discontinuation via the serial resistanc e of 3 or less at a temperature of 85 2 c , leav e the sample at room temperature/humidity for over 24h and measure the value. within 10%of initial value less than initial limit terminal strength the measured value should be stable. a force is applied to the terminal until it bends to 1mm and by a prescribed tool maintain the condition for 5s. (see the figure below.) temp. c / c l.c temp. c / c tan l.c c / c l.c temp. appearance c / c tan l.c tan tan appearance c / c l.c tan capacitance appearance there should be no significant abnormality. 1 f (apply force) (unit : mm) 20 50 r230 45 45 thickness 1.6mm adhesiveness the terminal should not come off. apply force of 5n in the two directions shown in the figure below for 10 1s after mounting the terminal on a circuit board. apply force a circuit board product c105 yaa as per 4.29 jis c 5101-1 as per 4.13 jis c 5101-3 as per 4.26 jis c 5101-1 as per 4.14 jis c 5101-3 as per 4.23 jis c 5101-1 as per 4.15 jis c 5101-3 as per 4.35 jis c 5101-1 as per 4.9 jis c 5101-3 as per 4.34 jis c 5101-1 as per 4.8 jis c 5101-3 item performance test conditions (based on jis c5101-1 and jis c5101-3) less than 150% of initial limit less than 150% of initial limit
5/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.03 - rev.g data sheet tcfg series p case dimensions be based on "dimensions" measure using a caliper of jis b 7505 class 2 or higher grade. resistance to solvents the indication should be clear. dip in the isopropyl alcohol for 30 5s, at room temperature. solderability 3/4 or more surface area of the solder coated terminal dipped in the soldering bath should be covered with the new solder. dip speed = 25 2.5mm/s pre-treatment (accelerated aging) : leave th e sample on the boiling distilled water for 1h. solder temp. : 245 5 c duration : 3 0.5s solder : m705 flux : rosin 25%, ipa 75% capacitance vibration appearance measure value should not fluctuate during the measurement. there should be no significant abnormality. frequency : 10 to 55 to 10hz/min. amplitude : 1.5mm time : 2h each in x and y directions mounting : the terminal is soldered on a print circuit board. as per 4.32 jis c 5101-1 as per 4.18 jis c 5101-3 as per 4.15.2 jis c 5101-1 as per 4.17 jis c 5101-1 as per 4.7 jis c 5101-3 item performance test conditions (based on jis c5101-1 and jis c5101-3) ? table 1 standard list, tcfg series p case part no. rated voltage @85 c (v) derated voltage @125 c (v) surge voltage @85 c (v) capacitance 120hz ( ? f) impedance 100khz tolerance (%) leakage current 25 ? c 1wv.60s (ma) df120hz (%) case code 5 15 0.6 22 0.9 30 530 5 6.8 0.5 10 0.5 30 t cfg p 0g 225 m8r t cfg p 0g 335 m8r t cfg p 0g 475 m8r t cfg p 0g 685 m8r t cfg p 0g 106 m8r t cfg p 0g 156 m8r t cfg p 0g 226 m8r 4 4 4 4 4 4 4 2.5 5 3.3 2.5 2.5 2.5 2.5 2.5 2.5 5 2.2 0.5 0.5 30 15 p p p p p p p 5 17.5 17.5 14.4 9.3 11.8 8.3 7.7 4.7 0.5 30 530 20 20 20 20 20 20 20 ? 55 c 20 20 20 20 10 20 20 25 c 85 ?c 30 30 30 30 15 30 30 125 c ( ) t cfg p 1c 105 m8r p 16.1 1.0 0.5 16 10 20 15 20 10 15 20 25 t cfg p 1d 105 m8r t cfg p 1e 105 m8r p p 16.1 16.1 1.0 1.0 0.5 0.5 13 16 26 32 15 15 20 20 10 10 15 15 t cfg p 1c 335 m8r p 9.3 3.3 0.6 16 10 20 30 20 20 30 6.3 10 10 10 10 10 6.3 6.3 6.3 6.3 1.5 0.5 4 0.6 0.9 0.5 t cfg p 0j 155 m8r t cfg p 0j 225 m8r t cfg p 0j 335 m8r t cfg p 0j 475 m8r t cfg p 0j 685 m8r t cfg p 0j 106 m8r t cfg p 0j 156 m8r t cfg p 1a 105 m8r t cfg p 1a 155 m8r t cfg p 1a 225 m8r t cfg p 1a 335 m8r t cfg p 1a 475 m8r p p p p p p p p p p p p 6.3 6.3 6.3 6.3 6.3 6.3 4 4 4 4 4 17.5 14.4 17.5 11.8 8.3 9.3 7.7 16.1 17.5 11.8 14.4 9.3 15 6.8 10 3.3 2.2 4.7 1.5 1.0 3.3 2.2 4.7 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 30 30 30 30 30 30 8 8 8 8 8 8 6.3 4 8 13 13 13 13 13 15 30 30 30 30 15 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 10 20 20 20 20 10 30 30 30 30 30 30 15 30 30 30 30 15 10 6.3 t cfg p 1a 685 m8r p 8.3 6.8 0.7 13 30 20 20 30 10 6.3 t cfg p 1a 106 m8r p 7.7 10 1.0 13 30 20 20 30 t cfg p 1c 225 m8r p 11.8 2.2 0.5 16 10 20 30 20 20 30 t cfg p 1c 155 m8r p 14.4 1.5 0.5 16 10 20 30 20 20 30
6/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.03 - rev.g data sheet tcfg series p case ? packaging specifications t 1 t 2 products pull out direction 4.0 0.1 b 4.0 0.1 1.75 0.1 8.0 0.2 3.5 0.05 2.0 0.05 a taping p case + ? + ? + ? + ? + ? + ? case code a 0.1 b 0.1 t 1 0.05 t 2 0.1 p (2012) 1.55 2.3 0.25 1.32 1.55 0.05 + ? ? packaging style case size packaging packaging style symbol basic ordering un it taping plastic taping 180mm reel 8r 2,000 p case 13 0.2 60 + 1 0 0 ? 1.5 180 9.0 11.4 1.0 label sticking position reel plastic reel eiaj et - 7200a + ? + ? + 1.0 0
r1120a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specied herein is subject to change for improvement without notice. the content specied herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when design ing circuits for mass production. great care was taken in ensuring the accuracy of the information specied in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specied herein is intended only to show the typical functions of and examples of application circuits for the produc ts. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specied in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, ofce-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specied in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, re or any other damage caused in the event of the failure of any product, such as derating, redundancy, re control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specied herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of TCFGP1D105M8R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X